|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V801ME01 9939 Via Pasar * San Diego, CA 92126 TEL (619) 621-2700 FAX (619) 621-2722 VOLTAGE CONTROLLED OSCILLATOR Rev C3 PHASE NOISE (1 Hz BW, typical) -0 2 -0 4 -0 6 -0 8 FEATURES * Frequency Range: 2406 - 2646 MHz * Tuning Voltage: 0.5-8 Vdc * MINI-14H - Style Package APPLICATIONS * Spread Spectrum Communications * Data Collection * Microwave Links PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling (14 dB Return Loss, Any Phase) -0 10 -2 10 -4 10 10 0 1 K 1K 0 10 0K VALUE 2406 - 2646 -94 -15 0.5-8 47 54 50 50 <10 <9 -30 to 80 MINI-14H UNITS MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) 5 23 Vdc mA All specifications are typical unless otherwise noted and subject to change without notice. APPLICATION NOTES * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs NOTES: (c) Z-Communications, Inc. Page 1 All rights reserved LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR TUNING CURVE, typ. 2700 2650 2600 2550 2500 2450 2400 2350 2300 2250 2200 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 V801ME01 PAGE 2 80 25 -30 c c c 8 POWER CURVE, typ. 20 18 16 14 12 10 8 6 4 2 0 2246.633 25 c 2322.207 2379.26 2430.477 2477.773 2526.263 2572.843 2618.997 2665.9 PHYSICAL DIMENSIONS (c) Z-Communications, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of V801ME01 |